PART |
Description |
Maker |
27C080 AT27C080 AT27C080-10DC AT27C080-10DI AT27C0 |
8-Megabit 1M x 8 UV Erasable CMOS EPROM 1M X 8 OTPROM, 90 ns, PQCC32 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85 1M X 8 OTPROM, 90 ns, PQCC32 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SSOP -40 to 85 1M X 8 OTPROM, 120 ns, PDSO32 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SOIC -40 to 85
|
ATM Electronic, Corp. Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
74VHCU04MX 74VHCU04SJX 74VHCU04 74VHCU04M 74VHCU04 |
Octal D-type Edge-Triggered Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 CERAMIC CHIP/MIL-PRF-55681 Octal D-type Edge-Triggered Flip-Flops With 3-State Outputs 20-PDIP -40 to 85 Hex Inverter
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
SL74LV04 SL74LV04D SL74LV04N |
Octal D-Type Flip-Flops with Reset 20-SOIC -55 to 125 十六进制逆变 Octal D-Type Flip-Flops with Reset 20-PDIP -55 to 125 十六进制逆变 Hex Inverter
|
System Logic Semiconductor Co., Ltd. SLS[System Logic Semiconductor]
|
HD74BC374A HD74BC374AP HD74BC374AFP |
FLIP-FLOP|OCTAL|D TYPE|BICMOS-TTL|SOP|20PIN|PLASTIC 触发器|八路| D型|的BiCMOS - TTL电|专科| 20针|塑料 WA Series Standard Basic Switch, Single Pole Normally Closed Circuitry, 20 A at 250 Vac, Special Lever Actuator, 0,7 N [2.5 oz] Operating Force, Silver Contacts, Screw Termination Octal D Type Flip Flops With 3 State Outputs
|
Renesas Electronics, Corp. HITACHI[Hitachi Semiconductor]
|
HD74HCT374FPEL HD74HCT374P HD74HCT374RPEL HD74HCT3 |
Octal D-type Flip-Flops (with 3-state outputs) Octal D-type Flip-Flops (with inverted 3-state outputs)
|
Renesas Electronics Corporation
|
HER103L HER103LG HER107L HER107LG HER104L HER104LG |
Octal D-type Transparent Latches With 3-State Outputs 20-CDIP -55 to 125 Octal D-type Edge-Triggered Flip-Flops With 3-State Outputs 20-LCCC -55 to 125 Octal D-type Edge-Triggered Flip-Flops With 3-State Outputs 20-CDIP -55 to 125 Asynchronous 14-Bit Binary Counters 20-LCCC -55 to 125 1.0安培。玻璃钝化高效整流二极管 1.0 AMP. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS 1.0安培。玻璃钝化高效整流二极管 Quadruple 2-Input Positive-OR Gates 14-CFP -55 to 125 1.0安培。玻璃钝化高效整流二极管 Octal Bus Transceivers With 3-State Outputs 20-CFP -55 to 125
|
JGD[Jinan Gude Electronic Device] 济南固锝电子器件有限公司 Jinan Gude Electronic Device Co., Ltd. 娴???洪??靛??ㄤ欢??????
|
KS74AHCT574 |
Octal D-Type Flip-Flops
|
Samsung
|
KS74AHCT377 |
Octal D-Type Flip-Flops
|
Samsung
|
HD74HC273 HD74HC273P |
Octal D-type Flip-Flops (with Clear)
|
Hitachi Semiconductor Renesas Electronics Corporation
|
HD74LVC534 |
Octal D-type Flip Flops with 3-state Outputs
|
HITACHI[Hitachi Semiconductor]
|
HD74BC374A |
Octal D-type Flip-Flops with 3-state outputs
|
Hitachi Semiconductor
|